Part Number Hot Search : 
2SK21 MMBZ5 EPA120 CPD48 10PBF LT196 18LF2 203SH30
Product Description
Full Text Search
 

To Download 311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INIATURE FUSES MINIATURE FUSES
mm/ 5x20 mm No. 311
Indicator, Indicator, 250 V
Time-Current Standard
Mitteltrage (M) DIN 41577, T.2 None
Specifications
Packaging
002: Pack (20 x 10 pcs.)
Characteristic
Materials
Approvals
Tube: End Caps:
Ceramic Nickel-plated brass
Temperature Operating Temperature Climatic Category Stock Conditions
-40 C to +85 C (consider de-rating) -40 C / +85 C / 21 days (IEC 60068-1,-2-1,-2-2,-2-78) +10 C to +60 C relative humidity 75 % yearly average, without dew 24 cycles at 15 min. each (EN 60068-2-6) 10 - 60 Hz at 0.75 mm amplitude 60 - 2000 Hz at 10 g acceleration , M, Current Rating, 250 V, G
Dimensions (mm)
Ausf. / type: 800mA ... 4A
O5,2 +0,1 - 0,2
Vibration Resistance
200,5
Kappe mit Kennmelder cap with indicator
Marking
Ausf. / type: 6,3A
O5,2 +0,1 - 0,2
200,5
Limits for Pre-arcing Time
Rated Current 800 mA ... 6.30 A
1.5 x IN
>1h
2.1 x IN
< 30 min
2.75 x IN
-
4 x IN
60 ms ... 2 s
10 x IN
5 ms ... 70 ms
Permissible continuous operating current is 80 % at ambient temperature of 23 C (73.4 F). Rated Amp Voltage Breaking Voltage Drop Power Dissipation Melting Integral Current Code Rating Capacity 1.0 x IN 1.5 x IN 10 x IN max. (mV) max. (W) min. (A2s)
800 mA 1A 1.25 A 1.6 A 2A 2.5 A 4A 6.3 A 1 0800 1100 1125 1160 1200 1250 1400 1630 250 V2 250 V2 250 V2 250 V2 250 V2 250 V2 250 V2 250 V2 400 350 310 480 360 300 180 160 1.0 1.2 1.7 2.5 4.5 8.2 30.0 94.0
Approvals
1500 A @ 250 V AC 50 Hz cos = 0.7
on request
None
1 without gauge stud 2 operating voltage 10 V
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
Order Information
050930
Qty.
OrderNumber
Series 311
Amp Code
Packaging
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
WebSite www.littelfuse.com
INIATURE FUSES MINIATURE FUSES
5x20mm/ 5x20mm No. 311
Time (sec.)
I Fault / I Rated
Contact Littelfuse for individual I-t curves
050930
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
WebSite www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of 311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X